Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103RG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F103RG
Description  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F103RG Datasheet HTML 8Page - STMicroelectronics STM32F103RG Datasheet HTML 9Page - STMicroelectronics STM32F103RG Datasheet HTML 10Page - STMicroelectronics STM32F103RG Datasheet HTML 11Page - STMicroelectronics STM32F103RG Datasheet HTML 12Page - STMicroelectronics STM32F103RG Datasheet HTML 13Page - STMicroelectronics STM32F103RG Datasheet HTML 14Page - STMicroelectronics STM32F103RG Datasheet HTML 15Page - STMicroelectronics STM32F103RG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
Description
STM32F103xF, STM32F103xG
12/120
Doc ID 16554 Rev 3
Figure 1.
STM32F103xF and STM32F103xG performance line block diagram
1.
TA = –40 °C to +85 °C (suffix 6, see Table 73) or –40 °C to +105 °C (suffix 7, see Table 73), junction temperature up to
105 °C or 125 °C, respectively.
2.
AF = alternate function on I/O port pin.
PA[15:0]
EXT.IT
WWDG
NVIC
12bit ADC1
8 ADINs common
JTDI
JTCK/SWCLK
JTMS/SWDAT
NJTRST
JTDO
=2 t o 3.6V
112 AF
AHB2
MOSI/SD,MISO,
WKUP
Fmax: 48/72 MHz
VSS
SCL,SDA,SMBA
I2C2
GP DMA1
XTAL OSC
4-16 MHz
XTAL 32 kHz
HCLK
PCLK1
as AF
Flash1 512 KB
VOLT. REG.
3.3VTO 1.8V
POWER
Backupinterface
as AF
64 bit
RTC
RC HS
Cortex-M3 CPU
Ibus
Dbus
SRAM 512B
USART1
USART2
SPI2/I2S2
bxCAN device
7channels
Backup
reg
4channels
TIM1
4compl.
SCL,SDA,SMBA
I2C1
as AF
RX,TX, CTS,RTS,
USART3
Temp sensor
4Ch, ETR as AF
FCLK
RC LS
Standby
IWDG
@VSW
POR / PDR
SUPPLY
@VDDA
VBAT=1.8Vto 3.6V
CK as AF
RX,TX, CTS,RTS,
CK as AF
RX,TX, CTS,RTS,
CK as AF
NVIC
SPI1
MOSI,MISO,
SCK,NSS as AF
12bit ADC2
IF
IF
interface
SUPERVISION
PVD
Reset
Int
AWU
POR
TAMPER-RTC
System
SCK/CK,NSS/WS,
UART4
RX,TX as AF
UART5
RX,TX as AF
Reset &
clock
controller
PCLK2
PLL
12bit DAC1
IF
IF
IF
12bit DAC2
DAC1_OUT as AF
DAC2_OUT as AF
to the 3 ADCs
8 ADINs common
to the ADC1 & 2
GP DMA2
5channels
(ALARM OUT)
MCLK as AF
MOSI/SD,MISO,
SCK/CK,NSS/WS,
MCLK as AF
SWJTAG
TPIU
ETM
Trace/Trig
TRACECLK
TRACED[0:3]
as AF
USBDM/CAN_RX
USBDP/CAN_TX
SDIO
FSMC
PCLK3
SRAM
96 Kbyte
64 bit
12bit ADC3 IF
5ADINs on ADC3
4
4compl.
BKIN, ETR input as AF
PB[15:0]
PC[15:0]
PD[15:0]
PE[15:0]
PF[15:0]
PG[15:0]
MPU
2
as AF
1
as AF
1
as AF
4Ch, ETR as AF
4Ch, ETR as AF
4Ch, ETR as AF
D[7:0], CMD
CK as AF
Flash2 512 KB
A[25:0]
D[15:0]
CLK
NOE
NWE
NE[3:0]
NBL[1:0]
NWAIT
NL
as AF
channels
channels
channels
channels
channel
channel
TIM8
TIM9
TIM10
TIM11
V
REF+
V
REF–
TIM6
TIM7
TIM2
TIM3
TIM4
TIM5
TIM12
TIM13
TIM14
OSC_IN
OSC_OUT
OSC32_IN
OSC32_OUT
VDD
@VDD
NRST
VDDA
VSSA
VDD
@VDD
@VDDA
@VDDA
2 channels as AF
1 channel as AF
1 channel as AF
ai17352
@VDDA
GPIO port A
GPIO port B
GPIO port C
GPIO port D
GPIO port E
GPIO port F
GPIO port G
APB3
APB2
APB1
BKIN, ETR input as AF
USB 2.0 FS device
SPI3/I2S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com