Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23201-R1005-A502 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23201-R1005-A502
Description  Power Relay PK2 (THT ??THR) Single Relays PCB Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23201-R1005-A502 Datasheet(HTML) 3 Page - Tyco Electronics

  V23201-R1005-A502 Datasheet HTML 1Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 2Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 3Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 4Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Relay PK2 (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
136
Contact Data
Typical areas of application
Resistive/inductive/capacitive load
Contact configuration
1 Make contact/
1 Form A
Circuit Symbol
(see also Pin assignment)
Rated voltage
12 V
Rated current 1)
at
33 A
Limiting continuous current 1)
23°C
40 A
85°C
33 A
105°C
22 A
Contact material
Silver based
Max. switching voltage/power
See load limit curve
Max. switching current 2)
On
200 A
Off
40 A
Min. recommended load 3)
1 A at 5 V
Voltage drop at 10 A (initial)
NO contact
Typ. 30 mV, 300 mV max.
Mechanical endurance (without load)
> 2 x 10 6 operations
Examples of electrical endurance
Inductive load: > 1 x 10 5 operations, 60 A on/35 A 0ff, L = 0.5 mH
at cyclic temperature –40/+23/+85°C
Resistive load: > 1 x 10 5 operations, 40 A on/40 A 0ff
and 13.5 V; 120 ms - on /4880 ms - off
Capacitive load : > 1 x 10 5 operations, 200 A on/20 A 0ff
Max. switching rate at nominal load
6 operations per minute (0.1 Hz)
1) Measured on 70 mm x 70 mm x 1.5 mm epoxy PCB FR4 with 52 cm 2 (double layer 140
μm thick) copper area.
2) The values apply to a resistive or inductive load with suitable spark suppression and at maximum 13.5 V for 12 V load voltages.
3) See chapter Diagnostics of Relays in our Application Notes page 31 or consult the internet at http://relays.tycoelectronics.com/appnotes/
5 (+)
4 (-)
Load Limit Curve
201C_LLC3
Load limit curve ^
= safe shutdown, no stationary
arc/ make contact
03a-PCB_Single_p_105-161_1.qxd
17.03.2008
17:42 Uhr
Seite 136



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com