Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP460P2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP460P2
Description  PolarP2??Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP460P2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP460P2 Datasheet HTML 1Page - IXYS Corporation IXTP460P2 Datasheet HTML 2Page - IXYS Corporation IXTP460P2 Datasheet HTML 3Page - IXYS Corporation IXTP460P2 Datasheet HTML 4Page - IXYS Corporation IXTP460P2 Datasheet HTML 5Page - IXYS Corporation IXTP460P2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
DS100216B(06/10)
V
DSS
= 500V
I
D25
= 24A
R
DS(on)
≤≤≤≤≤ 270mΩ
Ω
Ω
Ω
Ω
t
rr(typ)
= 400ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C24
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
50
A
I
A
T
C = 25°C12
A
E
AS
T
C = 25°C
750
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
15
V/ns
P
D
T
C = 25°C
480
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force TO-263
10..65 / 2.2..14.6
Nm/lb.in.
M
d
Mounting Torque (TO-220, TO-3P & TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
IXTA460P2
IXTP460P2
IXTQ460P2
IXTH460P2
PolarP2TM
Power MOSFET
Features
Avalanche Rated
Fast Intrinsic Diode
Dynamic dv/dt Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
G = Gate
D
= Drain
S = Source
Tab = Drain
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
500
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS= 0V
25
μA
T
J = 125°C
250 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
270 m
Ω
G D
S
TO-220AB (IXTP)
D (Tab)
TO-3P (IXTQ)
D
G
S
D (Tab)
TO-247 (IXTH)
G
S
D (Tab)
D
TO-263 AA (IXTA)
G
S
D (Tab)


Similar Part No. - IXTP460P2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP460P2 ISC-IXTP460P2 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP460P2

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
IXYS Corporation
IXFB120N50P2 IXYS-IXFB120N50P2 Datasheet
148Kb / 5P
PolarP2 HiPerFET Power MOSFET
IXFH42N50P2 IXYS-IXFH42N50P2 Datasheet
132Kb / 4P
PolarP2 HiperFET Power MOSFET
IXFH52N50P2 IXYS-IXFH52N50P2 Datasheet
132Kb / 4P
PolarP2 HiperFET Power MOSFET
IXFK74N50P2 IXYS-IXFK74N50P2 Datasheet
132Kb / 4P
PolarP2 HiPerFET Power MOSFET
IXFK94N50P2 IXYS-IXFK94N50P2 Datasheet
136Kb / 5P
PolarP2 HiPerFET Power MOSFET
IXFQ24N50P2 IXYS-IXFQ24N50P2 Datasheet
127Kb / 5P
PolarP2 HiperFET Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com