Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128J3C120 Datasheet(PDF) 39 Page - Intel Corporation

Part # JS28F128J3C120
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 Datasheet(HTML) 39 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 35Page - Intel Corporation JS28F128J3C120 Datasheet HTML 36Page - Intel Corporation JS28F128J3C120 Datasheet HTML 37Page - Intel Corporation JS28F128J3C120 Datasheet HTML 38Page - Intel Corporation JS28F128J3C120 Datasheet HTML 39Page - Intel Corporation JS28F128J3C120 Datasheet HTML 40Page - Intel Corporation JS28F128J3C120 Datasheet HTML 41Page - Intel Corporation JS28F128J3C120 Datasheet HTML 42Page - Intel Corporation JS28F128J3C120 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
39
10.2
Read Identifier Codes
The Read identifier codes operation outputs the manufacturer code, device-code, and the block
lock configuration codes for each block (See Section 9.2, “Device Commands” on page 35 for
details on issuing the Read Device Identifier command). Page-mode reads are not supported in this
read mode. To terminate the operation, write another valid command. Like the Read Array
command, the Read Identifier Codes command functions independently of the VPEN voltage. This
command is valid only when the WSM is off or the device is suspended. Following the Read
Identifier Codes command, the following information can be read.
10.2.1
Read Status Register
The Status Register may be read to determine when a block erase, program, or lock-bit
configuration is complete and whether the operation completed successfully. It may be read only
after the specified time W12 (see Table 9, “Write Operations” on page 26). After writing this
command, all subsequent read operations output data from the Status Register until another valid
command is written. Page-mode reads are not supported in this read mode. The Status Register
contents are latched on the falling edge of OE# or the first edge of CE0, CE1, or CE2 that enables
the device (see Table 13, “Chip Enable Truth Table” on page 33). OE# must toggle to VIH or the
device must be disabled before further reads to update the Status Register latch. The Read Status
Register command functions independently of the VPEN voltage.
During a program, block erase, set lock-bit, or clear lock-bit command sequence, only SR.7 is valid
until the Write State Machine completes or suspends the operation. Device I/O signals D[6:0] and
D[15:8] are placed in a high-impedance state. When the operation completes or suspends (check
SR.7), all contents of the Status Register are valid when read.
Table 17. Read Identifier Codes
Code
Address
(1)
Data
Manufacture Code
00000
(00) 89
Device Code
32-Mbit
00001
(00) 16
64-Mbit
00001
(00) 17
128-Mbit
00001
(00) 18
256-Mbit
00001
(00) 1D
Block Lock Configuration
X
0002(2)
• Block Is Unlocked
D0 = 0
• Block Is Locked
D0 = 1
• Reserved for Future Use
D[7:1]
NOTES:
1. A0 is not used in either x8 or x16 modes when obtaining the identifier
codes. The lowest order address line is A1. Data is always presented
on the low byte in x16 mode (upper byte contains 00h).
2. X selects the specific block’s lock configuration code.
3. D[7:1] are invalid and should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com