Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640J3C115 Datasheet(PDF) 29 Page - Intel Corporation

Part # JS28F640J3C115
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640J3C115 Datasheet(HTML) 29 Page - Intel Corporation

Back Button JS28F640J3C115 Datasheet HTML 25Page - Intel Corporation JS28F640J3C115 Datasheet HTML 26Page - Intel Corporation JS28F640J3C115 Datasheet HTML 27Page - Intel Corporation JS28F640J3C115 Datasheet HTML 28Page - Intel Corporation JS28F640J3C115 Datasheet HTML 29Page - Intel Corporation JS28F640J3C115 Datasheet HTML 30Page - Intel Corporation JS28F640J3C115 Datasheet HTML 31Page - Intel Corporation JS28F640J3C115 Datasheet HTML 32Page - Intel Corporation JS28F640J3C115 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
29
7.4
Reset Operation
NOTE: STS is shown in its default mode (RY/BY#).
7.5
AC Test Conditions
NOTE: AC test inputs are driven at VCCQ for a Logic "1" and 0.0 V for a Logic "0." Input timing begins, and
output timing ends, at VCCQ/2 V (50% of VCCQ). Input rise and fall times (10% to 90%) < 5 ns.
Figure 14. AC Waveform for Reset Operation
IH
V
IL
V
R
P
#
(P
)
IH
V
IL
V
S
T
S
(R
)
P
1
P
2
Table 11. Reset Specifications
#
Sym
Parameter
Min
Max
Unit
Notes
P1
tPLPH
RP# Pulse Low Time
(If RP# is tied to VCC, this specification is not
applicable)
35
µs
1,2
P2
tPHRH
RP# High to Reset during Block Erase, Program, or
Lock-Bit Configuration
100
ns
1,3
NOTES:
1. These specifications are valid for all product versions (packages and speeds).
2. If RP# is asserted while a block erase, program, or lock-bit configuration operation is not
executing then the minimum required RP# Pulse Low Time is 100 ns.
3. A reset time, tPHQV, is required from the latter of STS (in RY/BY# mode) or RP# going high until
outputs are valid.
Figure 15. Transient Input/Output Reference Waveform for VCCQ = 2.7 V–3.6 V
Output
Test Points
Input
V
CCQ/2
V
CCQ
0.0
V
CCQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com