Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003AV Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2003AV
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003AV Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2003AV Datasheet HTML 1Page - STMicroelectronics TDA2003AV Datasheet HTML 2Page - STMicroelectronics TDA2003AV Datasheet HTML 3Page - STMicroelectronics TDA2003AV Datasheet HTML 4Page - STMicroelectronics TDA2003AV Datasheet HTML 5Page - STMicroelectronics TDA2003AV Datasheet HTML 6Page - STMicroelectronics TDA2003AV Datasheet HTML 7Page - STMicroelectronics TDA2003AV Datasheet HTML 8Page - STMicroelectronics TDA2003AV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
July 2012
Doc ID 018796 Rev 4
1/19
1
TDA2003A
10 W car radio audio amplifier
Datasheet
− production data
Features
■ Improved performance over the TDA2002 (pin-
to-pin compatible)
■ Very low number of external components
■ Ease of assembly
■ Cost and space savings
Description
The TDA2003A is capable of providing a high
output current (up to 3.5 A) with very low
harmonic and crossover distortion.
Completely safe operation is guaranteed due to
DC and AC short-circuit protection between all
pins and ground, a thermal limiting circuit, load
dump voltage surge protection up to 40 V and
protection diodes in case of accidental open
ground.
Pentawatt
Pentawatt
(vertical)
(horizontal)
Table 1.
Device summary
Order code
Package
Packing
TDA2003AV
Pentawatt (vertical)
Tube
TDA2003AH
Pentawatt (horizontal)
Tube
www.st.com


Similar Part No. - TDA2003AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - TDA2003AV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
10 10 W stereo amplifier for car radio
18-Jun-2010
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
10 W car radio audio amplifier
18-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com