Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP720APP Datasheet(PDF) 3 Page - Littelfuse

Part # SP720APP
Description  SP720 Series 3pF 4kV Rail Clamp Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720APP Datasheet(HTML) 3 Page - Littelfuse

  SP720APP Datasheet HTML 1Page - Littelfuse SP720APP Datasheet HTML 2Page - Littelfuse SP720APP Datasheet HTML 3Page - Littelfuse SP720APP Datasheet HTML 4Page - Littelfuse SP720APP Datasheet HTML 5Page - Littelfuse SP720APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
57
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: April 14, 2011
SP720 Lead-Free/Green Series
General Purpose ESD Protection - SP720 Series
ESD Capability
ESD capability is dependent on the application and defined
test standard. The evaluation results for various test
standards and methods based on Figure 1 are shown in
Table 1.
For the “Modified” MIL-STD-3015.7 condition that is
defined as an “in-circuit” method of ESD testing, the V+
and V- pins have a return path to ground and the SP720
ESD capability is typically greater than 15kV from 100pF
through 1.5kΩ. By strict definition of MIL-STD-3015.7 using
“pin-to-pin” device testing, the ESD voltage capability
is greater than 6kV. The MIL-STD-3015.7 results were
determined from AT&T ESD Test Lab measurements.
The HBM capability to the IEC 61000-4-2 standard is
greater than 15kV for air discharge (Level 4) and greater
than 4kV for direct discharge (Level 2). Dual pin capability (2
adjacent pins in parallel) is well in excess of 8kV (Level 4).
For ESD testing of the SP720 to EIAJ IC121 Machine
Model (MM) standard, the results are typically better than
1kV from 200pF with no series resistance.
Standard
Type/Mode
R
D
C
D
±V
D
MIL STD 3015.7
Modified HBM
1.5kΩ
100pF
15kV
Standard HBM
1.5kΩ
100pF
6kV
IEC 61000-4-2
HBM, Air Discharge
330Ω
150pF
15kV
HBM, Direct Discharge
330Ω
150pF
4kV
HBM, Direct Discharge,
Two Parallel Input Pins
330Ω
150pF
8kV
EIAJ IC121
Machine Model
0kΩ
200pF
1kV
H.V.
SUPPLY
VD
IN
DUT
CD
R1
IEC 1000-4-2: R 1 50 to 100M
RD
CHARGE
SWITCH
DISCHARGE
SWITCH
MIL STD 3015.7: R 1 1 to 10M
Figure 1: Electrostatic Discharge Test
Table 1: ESD Test Conditions
Figure 3: High Current SCR Forward Voltage Drop Curve
Figure 2: Low Current SCR Forward Voltage Drop Curve
600
800
1000
1200
100
80
60
40
20
0
T
A = 25°C
SINGLE PULSE
FORWARD SCR VOLTAGE DROP (mV)
2.5
2
1.5
1
0.5
0
V FWD
IFWD
3
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
T
A = 25°C
SINGLE PULSE
FORWARD SCR VOLTAGE DROP (V)
2
1
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com