Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRAS820 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS820
Description  8.0AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS820 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SRAS820 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tape & Reel specification
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
24mm
330
2
13
20.2
75
24.4
30.4
Unit (mm)
Symbol
A
B
C
D
E
F
G
Reel Size Tape Size
Suggested PAD Layout
16.9
9.5
Unit(mm)
10.8
7
1.1
3.5
2.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com