Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL12 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSL12
Description  1.0AMP Surface Mount Schottky Barrier Rectifier Easy pick and place
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSL12 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSL12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSL12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSL12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSL12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
For surface mounted application
Metal silicon junction, majority carrier conduction
Easy pick and place
Low forward voltage drop
High surge current capability
SSL12
SMA
1.8K / 7" REEL
R3
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
mA
mA
TJ
OC
TSTG
OC
SSL12 - SSL14
1.0AMP Surface Mount Schottky Barrier Rectifier
SMA/DO-214AC
Features
Case: Molded plastic
Terminal: Matte tin plating
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.066 gram
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
Epitaxial construction
High temperature soldering guaranteed:
260℃/10s at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Maximum Ratings and Electrical Characteristics
Type Number
SSL12
SSL13
Ordering Information (example)
SSL14
Part No.
Package
Packing
Packing
code
1
Maximum Repetitive Peak Reverse Voltage
20
30
40
Maximum RMS Voltage
14
21
28
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
0.39
V
Maximum DC Blocking Voltage
20
30
40
Maximum Average Forward Rectified Current
0.2
50
Typical Thermal Resistance
RθjA
RθjL
88
28
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load
IFSM
50
Version:E12
Operating Temperature Range
- 55 to + 125
Storage Temperature Range
- 55 to + 150
Note1: Pulse Test with PW=300u sec, 1% Duty Cycle
Green Compound
Packing code
R3G
OC/W
Marking Code
SL12
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
SL13
SL14
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
IR


Similar Part No. - SSL12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12 Datasheet
135Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
378Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12 Datasheet
201Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L Datasheet
369Kb / 4P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS13M TSC-SS13M Datasheet
176Kb / 3P
1.0Amp Surface Mount Schottky Barrier Rectifier
SS12 TSC-SS12_11 Datasheet
138Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_11 Datasheet
207Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Cystech Electonics Corp...
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
logo
DIYI Electronic Technol...
DSS12U DYELEC-DSS12U Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com