Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL22 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSL22
Description  2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSL22 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSL22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSL22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSL22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSL22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
For surface mounted application
Metal silicon junction, majority carrier conduction
Low forward voltage drop
Easy pick & place
High surge current capability
SSL22
SMB
850 / 7" REEL
R5
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
TJ
OC
TSTG
OC
Version:E12
Ordering Information (example)
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
Operating Temperature Range
- 55 to + 125
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Typical Thermal Resistance
RθjL
RθjA
25
70
OC/W
Marking Code
SL22
SL23
SL24
Maximum Instantaneous Forward Voltage (Note 1)
@ 2 A
VF
0.41
V
Maximum DC Reverse Current
TA=25 ℃
at Rated DC Blocking Voltage
TA=100 ℃
IR
0.4
mA
50
60
Maximum Average Forward Rectified Current
2
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
80
A
Maximum RMS Voltage
14
21
28
Maximum DC Blocking Voltage
20
30
40
Weight: 0.093 grams
Type Number
SSL22
SSL23
SSL24
Maximum Repetitive Peak Reverse Voltage
20
30
40
R5G
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Terminal: Matte tin plating
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
SMB/DO-214AA
Features
SSL22 - SSL24
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
Epitaxial construction
High temperature soldering guaranteed:
260℃/10s at terminals


Similar Part No. - SSL22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL22 TSC-SSL22 Datasheet
50Kb / 2P
2.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22 Datasheet
127Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL22 MIC-SSL22 Datasheet
59Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL22 TSC-SSL22 Datasheet
378Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SSL22

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL14 WEITRON-SL14 Datasheet
73Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL22A WEITRON-SL22A Datasheet
181Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL32A WEITRON-SL32A Datasheet
189Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B140LB WEITRON-B140LB Datasheet
238Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B340LA WEITRON-B340LA_08 Datasheet
411Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS22L TSC-SS22L_11 Datasheet
135Kb / 2P
2.0AMPS Surface Mount Schottky Barrier Rectifiers
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifiers
SSL22 TSC-SSL22_11 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK1060BM SECOS-SK1060BM Datasheet
299Kb / 2P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B240L DIODES-B240L Datasheet
381Kb / 4P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
February 2022 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com