Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL32 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSL32
Description  3.0AMPS Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSL32 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSL32 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSL32 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSL32 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSL32 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
For surface mounted application
Metal to sillicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
Epitaxial construction
SSL32
SMC
850 / 7" REEL
R7
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
TJ
OC
TSTG
OC
3.0AMPS Surface Mount Schottky Barrier Rectifiers
Features
High surge current capability
SMC/DO-214AB
SSL32 - SSL34
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260℃/10 seconds at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Terminals: Matte tin plating
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 grams
Type Number
SSL32
SSL33
SSL34
Maximum Repetitive Peak Reverse Voltage
20
30
40
Maximum RMS Voltage
14
21
28
Maximum DC Blocking Voltage
20
30
40
Maximum Average Forward Rectified Current
3
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
IFSM
100
A
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
IR
0.2
0.5
mA
50
100
Typical Thermal Resistance
RθjL
RθjA
17
55
OC/W
Marking Code
SL32
SL33
SL34
Green Compound
Packing code
Operating Temperature Range
- 55 to + 125
Storage Temperature Range
- 55 to + 150
Note 1: Pluse Test with PW=300 usec, 1% Duty Cycle
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
0.41
V
R7G
Version:E12
Ordering Information (example)
Part No.
Package
Packing
Packing
code


Similar Part No. - SSL32

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL32 TSC-SSL32 Datasheet
49Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL32 TSC-SSL32 Datasheet
129Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL32 MIC-SSL32 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL32 TSC-SSL32 Datasheet
383Kb / 2P
3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL32 TSC-SSL32 Datasheet
204Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SSL32

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_11 Datasheet
131Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_11 Datasheet
135Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SS32 TSC-SS32_11 Datasheet
134Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_11 Datasheet
204Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
SS34L FORMOSA-SS34L Datasheet
418Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Chongqing Pingwei Enter...
S32BF CHONGQING-S32BF Datasheet
181Kb / 2P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com