Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2509CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2509CSRL
Description  3A / 500KHz PWM Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2509CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2509CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2509CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS2509
3A / 500KHz PWM Buck Converter
1/9
Version: B09
SOP-8
General Description
TS2509 is step-down switching regulator with PWM control and with build in internal PMOS. TS2509 provides low-
ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit can be duty ratio linearly
form 0 up to 100%. This converter also contains an error amplifier circuit as well as a soft-start circuit that prevents
overshoot at startup.
An enable, over current protect and short circuit protect functions are built inside. When OCP or SCP activated, the
operation frequency will be reduced. The internal compensation block is built in to minimum external components and
internal PMOS is complete 3A step down switching regulator ideally for portable devices with outstanding features as
low current consumption.
Ordering Information
Part No.
Package
Packing
TS2509CS RL
SOP-8
2.5Kpcs / 13” Reel
Features
●
Input Voltage: 3.6V~23V
●
Output Voltage: 0.8V~Vcc
●
Duty Ratio: 0%~100% PWM Control
●
Oscillation Frequency: 500kHz typ.
●
Soft-Start (SS), Current Limit (CL), Enable Function
●
Thermal Shutdown Function
●
Short Circuit Protect (SCP)
●
Internal SW P-Channel MOSFET
●
Low ESR output capacitor (MLCC application)
Application
●
Simple High-efficiency Step down Regulator
●
On-Card Switching Regulators
Absolute Maximum Rating
Parameter
Symbol
Rating
Unit
VCC Pin Voltage
VCC
VSS - 0.3 to VSS + 25
V
Feedback Pin Voltage
VFB
VSS - 0.3 to VCC
V
ON/OFF Pin Voltage
VEN
VSS - 0.3 to VCC + 0.3
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST G
-40 to +150
℃
Operating Temperature Range
TOP
-20 to +125
℃
Operating Supply Voltage
VOP
+3.6 to +23
V
Thermal Resistance from Junction to case
θJC
40
℃/W
Thermal Resistance from Junction to ambient
θJA
70
℃/W
Pin Definition:
1. FB
8. Vss
2. EN
7. Vss
3. Comp
6. SW
4. Vcc
5. SW


Similar Part No. - TS2509CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2509CSRL TSC-TS2509CSRL Datasheet
497Kb / 9P
3A / 500KHz PWM Buck Converter
More results

Similar Description - TS2509CSRL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
PWM Control 3A Buck Converter
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
3A / 330KHz PWM Buck Converter
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
3A / 380KHz PWM Buck Converter
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
3A / 330KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com