Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3552 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS3552
Description  2A/350kHz Synchronous Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3552 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3552 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3552 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS3552
2A/350kHz Synchronous Buck DC/DC Converter
1/11
Version: B11
SOP-8
General Description
The TS3552 is a synchronous step-down DC/DC converter that provides wide 4.75V to 23V input voltage range
and 2A continuous load current capability. Fault protection includes cycle-by-cycle current limit, input UVLO,
output over voltage protection and thermal shutdown. Besides, adjustable soft-start function prevents inrush
current at turn-on. This device uses current mode control scheme that provides fast transient response. In
shutdown mode, the regulator draws 1µA or less of supply current.
Features
●
Operating Voltage Range 4.75V~23V
●
Output load current up to 2A
●
High Efficiency: Up to 93%
●
Fixed Switching Frequency 350kHz
●
100m
Internal Power MOSFET
●
Adjustable Output Voltage from 0.925~20V
●
Stable with Low ESR Output Ceramic Capacitors
●
Current Mode Operation
●
Input Under Voltage Lockout
●
Over Temperature Protection
●
Cycle-by Cycle Current limit
●
<1µA Shutdown Current
Ordering Information
Part No.
Package
Packing
TS3552CS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Application
●
Set-Top-Box
●
DVD, LCD Displays
●
Netbook
●
Distributed Power System
●
DSL Modems
Typical Application Circuit
3.3V Output Application Circuit
Pin Definition:
1. BS
8. SS
2. VIN
7. EN
3. SW
6. COMP
4. GND
5. FB


Similar Part No. - TS3552

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
3A/350kHz Synchronous Buck DC/DC Converter
TS3553CS-RLG TSC-TS3553CS-RLG Datasheet
441Kb / 11P
3A/350kHz Synchronous Buck DC/DC Converter
More results

Similar Description - TS3552

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
3A/350kHz Synchronous Buck DC/DC Converter
logo
Linear Technology
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com