Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM4407 Datasheet(PDF) 7 Page - DinTek Semiconductor Co,.Ltd

Part # DTM4407
Description  P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM4407 Datasheet(HTML) 7 Page - DinTek Semiconductor Co,.Ltd

  DTM4407 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTM4407 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S
Package Information
www.din-tek.jp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com