Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9708 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9708
Description  20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9708 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9708 Datasheet HTML 1Page - Maxim Integrated Products MAX9708 Datasheet HTML 2Page - Maxim Integrated Products MAX9708 Datasheet HTML 3Page - Maxim Integrated Products MAX9708 Datasheet HTML 4Page - Maxim Integrated Products MAX9708 Datasheet HTML 5Page - Maxim Integrated Products MAX9708 Datasheet HTML 6Page - Maxim Integrated Products MAX9708 Datasheet HTML 7Page - Maxim Integrated Products MAX9708 Datasheet HTML 8Page - Maxim Integrated Products MAX9708 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MAX9708
20W/40W, Filterless, Spread-Spectrum,
Mono/Stereo, Class D Amplifier
4
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(PVDD = VDD = +18V, PGND = GND = 0V, CSS = 0.47µF, CREG = 0.01µF, C1 = 0.1µF, C2 = 1µF, RLOAD = ∞, MONO = low (stereo
mode), SHDN = MUTE = high, G1 = low, G2 = high (AV = 22dB), FS1 = FS2 = high (SSM), SYNCIN = low. All load resistors (RL) are
connected between OUT_+ and OUT_-, unless otherwise stated. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA
= +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Short-Circuit Current
Threshold
ISC
RLOAD = 0
Ω
2.4
A
Into shutdown
-63
Click-and-Pop Level
KCP
Peak voltage, 32
samples/second,
A-weighted (Notes 2, 4)
Out of shutdown
-55
dBV
MONO MODE (RLOAD = 4
Ω, MONO = High)
MUTE = 1, RLOAD =
∞
20
Quiescent Current
MUTE = 0
5
mA
RLOAD = 8
Ω
23
Output Power
POUT
f = 1kHz,
THD = 10%
RLOAD = 4
Ω
42
W
Total Harmonic Distortion Plus
Noise
f = 1kHz, BW = 22Hz to 22kHz,
RLOAD = 4
Ω, POUT = 17W
0.12
%
20Hz to 20kHz
91
Signal-to-Noise Ratio
SNR
RLOAD = 4
Ω,
POUT = 10W
A-weighted
95
dB
Efficiency
η
RLOAD = 4
Ω, L > 40µH, POUT = 42W,
f = 1kHz
85
%
Output Short-Circuit Current
Threshold
ISC
RLOAD = 0
Ω
4.8
A
Into shutdown
-60
Click-and-Pop Level
KCP
Peak voltage, 32
samples/second,
A-weighted (Notes 2, 4)
Out of shutdown
-63
dBV
DIGITAL INPUTS (
SHDN, MUTE, G1, G2, FS1, FS2, TH0, TH1, TH2, SYNCIN, MONO)
Logic-Input Current
IIN
0 to 12V
1
µA
Logic-Input High Voltage
VIH
2.5
V
Logic-Input Low Voltage
VIL
0.8
V
OPEN-DRAIN OUTPUTS (
TEMP, SYNCOUT)
Open-Drain Output Low Voltage
VOL
ISINK = 3mA
0.4
V
Leakage Current
ILEAK
VPULLUP = 5.5V
0.2
µA
Note 1: All devices are 100% production tested at +25°C. All temperature limits are guaranteed by design.
Note 2: Inputs AC-coupled to GND.
Note 3: The device is current limited. The maximum output power is obtained with an 8
Ω load.
Note 4: Testing performed with an 8
Ω resistive load in series with a 68µH inductive load connected across BTL outputs. Mode tran-
sitions are controlled by SHDN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com