Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR14XWA/C Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # LR14XWA/C
Description  Industrial Alkaline Contractor Packs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LR14XWA/C Datasheet(HTML) 1 Page - Panasonic Battery Group

  LR14XWA/C Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available in bulk, rugged boxes for commercial
use, Panasonic Industrial Alkaline batteries
are designed for today’s heavy current or
continuous use applications, offering long-
lasting power over a range of sizes.
Features
• Dependable batteries for end-users in the professional,
industrial, contractor marketplace
• Rugged corrugated packs
• Strong branding
• Bold graphics
• Eu Compliant
• Durable, economical bulk packaging
• Sold either as a full case or individual inner cartons
• Large readable type font for easy product identification
• Inner carton description shows English, French and
Spanish text
• Safety locking tab prevents accidental spillage and
damage to batteries
CONTRACTOR PACKS
Industrial Alkaline
For more information on how Panasonic can assist you with your battery power solution needs
call 877-726-2228, visit www.panasonic.com/industrial/batteries-oem
or e-mail oembatteries@us.panasonic.com
Battery Sizes
D
12 pack
C
12 pack
AA
24 pack
AAA
24 pack
9V
12 pack
shrink
INDUSTRIAL ALKALINE BATTERIES
| InDuStRIAL ContRACtoR PACkS
Part No.
Old Part No.
Size / Description
Total Units
Inners
Batteries
Cross Reference
per Case
per Case
per Inner
ANSI/NEDA
IEC
LR20XWA/C
AM-1PI/C
D, 12 pack
72
6
12
13AC
LR20
LR14XWA/C
AM-2PI/C
C, 12 pack
72
6
12
14AC
LR14
LR6XWA/C
AM-3PI/C
AA, 24 pack
144
6
24
15AC
LR6
LR03XWA/C
AM-4PI/C
AAA, 24 pack
144
6
24
24AC
LR03
6LR61XWA/C
6AM-6PI/1SC
9V shrink, 12 pack
72
6
12
1604AC
6LR61


Similar Part No. - LR14XWA/C

ManufacturerPart #DatasheetDescription
logo
Dubilier
LR14X DUBILIER-LR14X Datasheet
95Kb / 1P
ALKALINE
LR14X DUBILIER-LR14X Datasheet
90Kb / 1P
BATTERIES ALKALINE
More results

Similar Description - LR14XWA/C

ManufacturerPart #DatasheetDescription
logo
Energizer
IN421 ENERGIZER-IN421 Datasheet
123Kb / 1P
Contractor Flashlight
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
Contractor Flashlight
logo
Dubilier
AAA600 DUBILIER-AAA600 Datasheet
95Kb / 1P
ALKALINE
LR20X DUBILIER-LR20X Datasheet
90Kb / 1P
BATTERIES ALKALINE
logo
Extech Instruments Corp...
MO280-RK EXTECH-MO280-RK Datasheet
332Kb / 1P
Restoration Contractor?셲 Kit
MO290-RK EXTECH-MO290-RK Datasheet
273Kb / 1P
Water Restoration Contractor Kit
MO290-RK1 EXTECH-MO290-RK1 Datasheet
363Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
MO290-RK-I5 EXTECH-MO290-RK-I5 Datasheet
314Kb / 1P
Water Restoration Contractor Kit
logo
Assmann Electronics Inc...
AK-AV201-R ASSMANN-AK-AV201-R Datasheet
86Kb / 1P
CONTRACTOR RESISTACE : 2OHM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com