Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2602 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2602
Description  Octave Remote Resistor-programmable Temperature Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2602 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2602 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2602 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Datasheet
Octave Remote Resistor-programmable Temperature Switches
AP2602
Feb. 2012
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
FN Package
(QFN-3X3-16)
Note 1: Recommend connecting the thermal pad to GND for excellent power dissipation.
Figure 2. Pin Configuration of AP2602 (Top View)
Pin Description
Pin
Number
Pin
Name
Function
1
VTRIG
Input of external setting trigger voltage
2
VCC
Power-supply input
3
GND
Ground
4
SEL
Connect SEL to GND to select external trigger voltage, while connecting
SEL to VCC to select internal trigger voltage. Don’t leave the pin floating
5,7,8,10,
11,13,14,16
TMSNSX
Connect an external 1% resistor from TMSNSX to GND to set trigger point
of remote temperature sensorX
6,9,12,15
OTXY
__________
Open-Drain, active low, over-temperature output for sensor 1, 2, sensor 3,
4, sensor 5, 6, sensor 7, 8 respectively. The OTXY
__________
outputs are the wire-or
results of sensorX and sensorY
EP
56
7
8
13
14
15
16
1
2
3
49
10
11
12
Pin 1 Mark
VTRIG
VCC
GND
SEL
OT12
TMSNS1
TMSNS8
OT78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com