Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3203 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3203
Description  380kHz, 3A Asynchronous DC - DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3203 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3203 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3203 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Preliminary Datasheet
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3203
Mar. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
MP Package
(PSOP-8)
Figure 2. Pin Configuration of AP3203 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
BS
Bootstrap pin. A bootstrap capacitor is connected between the BS pin
and SW pin. The voltage across the bootstrap capacitor drives the
internal high-side NMOS switch
2
IN
Supply input pin. A capacitor should be connected between the IN pin
and GND pin to keep the DC input voltage constant
3
SW
Power switch output pin. This pin is connected to the inductor and
bootstrap capacitor
4
GND
Ground pin
5
FB
Feedback pin. This pin is connected to an external resistor divider to
program the system output voltage. When the FB pin voltage exceeds
20% of the nominal regulation value of 1.222V, the over voltage
protection is triggered. When the FB pin voltage is below 0.6V, the
oscillator frequency is lowered to realize short circuit protection
6
COMP
Compensation pin. This pin is the output of the transconductance
error amplifier and the input to the current comparator. It is used to
compensate the control loop. Connect a series RC network from this
pin to GND. In some cases, an additional capacitor from this pin to
GND pin is required
7
EN
Control input pin. Forcing this pin above 1.5V or set this pin floating
enables the IC. Forcing this pin below 0.5V shuts down the IC. When
the IC is in shutdown mode, all functions are disabled to decrease the
supply current below 1
µA
8
SS
Soft-start control input. SS controls the soft-start period. Connect a
capacitor from SS to GND to set the soft-start period. A 0.1µF
capacitor sets the soft-start period to 10ms. To disable the soft-start
feature, leave SS disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com