Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3211 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3211
Description  1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3211 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3211 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3211 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211
Jul. 2011
Rev. 1.3
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3211 is a 1.4MHz fixed frequency, current
mode, PWM buck (step-down) DC-DC converter,
capable of driving a 1.5A load with high efficiency,
excellent line and load regulation. The device
integrates N-channel power MOSFET switch with
low on-resistance. Current mode control provides fast
transient response and cycle-by-cycle current limit.
A standard series of inductors are available from
several different manufacturers optimized for use
with the AP3211. This feature greatly simplifies the
design of switch-mode power supplies.
The AP3211 is available in SOT-23-6 package.
Features
•
Input Voltage Range: 4.5V to 18V
•
Output Voltage Adjustable from 0.81V to 15V
•
Fixed 1.4MHz Frequency
•
High Efficiency: up to 92%
•
Output Current: 1.5A
•
Current Mode Control
•
Built-in Over Current Protection
•
Built-in Thermal Shutdown Function
•
Built-in UVLO Function
•
Built-in Over Voltage Protection
•
Built-in Soft-start
Applications
•
LCD TV
•
DPF
•
Portable DVD
Figure 1. Package Type of AP3211
SOT-23-6


Similar Part No. - AP3211

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3211 DIODES-AP3211 Datasheet
510Kb / 11P
1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
Infineon Technologies A...
AP32112 INFINEON-AP32112 Datasheet
802Kb / 12P
TriCore Incremental Encoder Interface using the General Purpose Timer Unit (GPTU)
V1.1, 2007-03
AP32113 INFINEON-AP32113 Datasheet
1Mb / 38P
Connecting Memory to TC1130 External Bus Unit (EBU)
V1.0, 2006-02
logo
BCD Semiconductor Manuf...
AP3211H BCDSEMI-AP3211H Datasheet
460Kb / 11P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211HKTR-G1 BCDSEMI-AP3211HKTR-G1 Datasheet
460Kb / 11P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
More results

Similar Description - AP3211

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3211H BCDSEMI-AP3211H Datasheet
460Kb / 11P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3211H BCDSEMI-AP3211H_14 Datasheet
713Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Diodes Incorporated
AP3211 DIODES-AP3211 Datasheet
510Kb / 11P
1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9761 FITIPOWER-FR9761 Datasheet
743Kb / 12P
23V, 2A, 1.4MHz Asynchronous Step-Down DC/DC Converter
FR9765 FITIPOWER-FR9765 Datasheet
567Kb / 11P
24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com