Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2DIP2-48 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # V2DIP2-48
Description  Designed to allow rapid development of designs using the VNC2-48Q IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-48 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  V2DIP2-48 Datasheet HTML 1Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 2Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 3Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-48 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000237
V2DIP2-48 VNC2-48 Development Module Datasheet Version 1.01
Clearance No.: FTDI# 152
1 Introduction
V2DIP2-48 module is designed to allow rapid development of designs using the VNC2-48Q IC. The
V2DIP1-48 is supplied as a PCB designed to fit into a 40 pin 0.6” wide, 0.1” pitch DIP socket.The module
provides access to the UART, parallel FIFO, and SPI interface pins of the VNC2-48Q device, via its IO bus
pins. Two USB ports are accessed via type A USB connectors.
Figure 1.1- V2DIP2 48
The VNC2 is the second of FTDI’s Vinculum family of Embedded dual USB host controller devices. The
VNC2 device provides USB Host interfacing capability for a variety of different USB device classes
including support for BOMS (bulk only mass storage), Printer, HID (human interface devices). For mass
storage devices such as USB Flash drives, VNC2 also transparently handles the FAT file structure.
Communication with non USB devices such as a low cost microcontroller is accomplished via either UART,
SPI or parallel FIFO interfaces. The VNC2 provides a new cost effective solution for providing USB Host
capability into products that previously did not have the hardware resources available.
The VNC2 supports the capability to enable customers to develop custom firmware using the Vinculum II
development software tool suite. The development tools support compiler, linker and debugger tools
complete within an integrated development environment (IDE).
The Vinculum-II VNC2 family of devices are available in Pb-free (RoHS compliant) 32-lead LQFP, 32-lead
QFN, 48-lead LQFP, 48-lead QFN, 64-Lead lQFP and 64-lead QFN packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com