Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-55250W-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-55250W-C1-R0
Description  High Perfomanced X-CUT - Heat Sink, T412, BLACK-ANODIZED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-55250W-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-55250W-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 121101
High Performance BGA Cooling Solutions
w/ Thermal Tape Attachment
*Image above is for illustration purpose only.
ATS Part#:
ATS-55250W-C1-R0
Description:
High Performance X-CUT - Heat Sink, T412, BLACK-ANODIZED
Heat Sink Type:
Cross-Cut
Heat Sink Attachment:
THERMAL TAPE
Equivalent Part Number:
ATS-55250W-C2-R0
Features & Benefits
High efficiency cross-cut fin design provides low pressure drop characteristics
Large surface area increases heat sink performance
Designed specifically for BGAs and other surface mount packages
Comes pre-assembled with high performance thermal interface material
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
4.72 °C/W
4.23 °C/W
3.72 °C/W
3.37 °C/W
3.12 °C/W
2.92 °C/W
2.76 °C/W
Ducted Flow
n/a
n/a
n/a
n/a
n/a
n/a
n/a
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
25.0 mm
25.0 mm
24.5 mm
mm
T412
BLACK-ANODIZED
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
ATS-55250W-C2-R0 is the exact heat sink assembly with an equivalent thermal interface material
(Saint Gobain C675).
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2012 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS-55250W-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-55250W-C1-R0 ATS-ATS-55250W-C1-R0_17 Datasheet
254Kb / 1P
Comes preassembled with high performance thermal interface material
Rev - 040517
More results

Similar Description - ATS-55250W-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-55210R-C1-R0 ATS-ATS-55210R-C1-R0 Datasheet
929Kb / 1P
High Perfomance X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55230R-C1-R0 ATS-ATS-55230R-C1-R0 Datasheet
930Kb / 1P
High Perfomance X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55250K-C1-R0 ATS-ATS-55250K-C1-R0 Datasheet
930Kb / 1P
High Perfomance X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55150W-C1-R0 ATS-ATS-55150W-C1-R0 Datasheet
929Kb / 1P
High Perfomanced X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55170K-C1-R0 ATS-ATS-55170K-C1-R0 Datasheet
935Kb / 1P
High Perfomanced X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55270K-C1-R0 ATS-ATS-55270K-C1-R0 Datasheet
930Kb / 1P
High Performanced X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55270W-C1-R0 ATS-ATS-55270W-C1-R0 Datasheet
930Kb / 1P
High Perfomanced X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55300W-C1-R0 ATS-ATS-55300W-C1-R0 Datasheet
930Kb / 1P
High Performance X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55325W-C1-R0 ATS-ATS-55325W-C1-R0 Datasheet
930Kb / 1P
High Performance X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
ATS-55400W-C1-R0 ATS-ATS-55400W-C1-R0 Datasheet
930Kb / 1P
High Performance X-CUT - Heat Sink, T412, BLACK-ANODIZED
Rev - 121101
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com