Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2104P Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC2104P
Description  256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2104P Datasheet(HTML) 2 Page - Motorola, Inc

  MPC2104P Datasheet HTML 1Page - Motorola, Inc MPC2104P Datasheet HTML 2Page - Motorola, Inc MPC2104P Datasheet HTML 3Page - Motorola, Inc MPC2104P Datasheet HTML 4Page - Motorola, Inc MPC2104P Datasheet HTML 5Page - Motorola, Inc MPC2104P Datasheet HTML 6Page - Motorola, Inc MPC2104P Datasheet HTML 7Page - Motorola, Inc MPC2104P Datasheet HTML 8Page - Motorola, Inc MPC2104P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPC2104P
•MPC2105P
2
MOTOROLA FAST SRAM
MPC2104P BLOCK DIAGRAM
32K x 32 SRAM
ADSC
ADV
SA1
ADS0
SA0
SA
A27
CWE0
A14 – A26
SBa – SBd
SW
SGW
PD3
PD2
PD1
PD0
J2
J0
J3
A14 – A26
A0 – A13
TCLR
TWE
CLK2
MATCH
VALIDIN
DIRTYIN
TG
TAG: 16K x 14 + V + D
A0 – A12
RESET
TDQ0 – TDQ13
TAH, TAG, TAD
SFUNC, GS, A13
WS
WT
K
VALIDD
DIRTYD
GT
TT1, E1
E2, PWRDN
VSS
VCC via 100 Ω
TA, VALIDQ
VCCQ
VDD
NC
MATCH
DIRTYOUT
DIRTYQ
J1
VCC
VCC
VDD
ZZ
G
VDD
SE1
K
CG0
DH0 – DH31
STANDBY
BURSTMODE
CLK0
SE3
LBO
DQa – DQd
SE2, ADSP
A28
CNTEN0
VSS
VSS
VDD via 100Ω
VDD
CLK1
VSS
VDD via 100Ω
VDD
16244
32K x 32 SRAM
ADSC
ADV
SA1
SA0
SA
CWE1
SBa – SBd
SW
SGW
VDD
ZZ
G
SE1
K
DL0 – DL31
STANDBY
BURSTMODE
SE3
LBO
DQa – DQd
SE2, ADSP
VDD
22 Ω
22 Ω
22 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com