Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM3/4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATM3/4
Description  Fast-Acting Midget Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATM3/4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATM3/4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C3
ATM Fast-Acting Midget Fuses
Amp-Trap® midget fast-acting ATM fuses are rated 600 volts AC and DC, with a
100kA interrupting rating. These ratings give the ATM a wide range of applications
not covered by other midget fuses. In addition, ratings of 30/35, 30/40 and 30/50
amperes are offered for specific applications such as capacitor protection. These ATM
fuses must still be considered 30A fuses because of their dimensions, but are able
to withstand much higher inrush currents and tougher duty cycles. (Not for Branch
Circuit Protection).
Ratings:
Volts
: 600VAC / DC
Amps : 1/10 to 30A
: (35 to 50A AC only)
I.R.
: 100kA I.R.
: 10kA I.R. AC (35 to 50A)
Features/Benefits:
• For supplemental protection of small motors and transformers
• Extended ratings for special protection of capacitors and circuits
with high inrush currents
• 600VDC ratings for a wide variety of applications including
photovoltaic and solar applications.
• Can be used with UltraSafe™ fuse holders
• 1 1/2” x 13/32” (10mm x 38mm) dimensions
Approvals:
• UL listed to standard 248-14
(1/10 to 30A) File E33925
• DC Listed to UL Standard
248-14 (1/10 to 30A)
• CSA Certified to Standard
C22.2 No. 248.14 (1/10 to 30A)
Applications:
• Supplemental protection of
of circuits up to 600VAC and
600VDC with 100kA I.R.
Highlights:
• Fast-acting
• Special Ratings (Above 30A)
Recommended Fuse Blocks for Midget
(10x38mm) Fuses
Catalog Number
Number of
Poles
UltraSafeTM
Indicating
Fuse Holder
Screw
Connector
Pressure
Plate
Connector
Copper Box
Connector
Adder
30310
30320
30350
1
USM1I
30311
30321
30351
2
USM2I
30312
30322
30352
3
USM3I
30313
30323
30353
3
USFM10I
* are not continuous current rated devices
Catalog Numbers (amps)
ATM1/10
ATM6
ATM1/8
ATM7
ATM2/10
ATM8
ATM1/4
ATM10
ATM1/2
ATM12
ATM3/4
ATM15
ATM1
ATM20
ATM1-1/2
ATM25
ATM2
ATM30
ATM3
ATM30/35*
ATM4
ATM30/40*
ATM5
ATM30/50*


Similar Part No. - ATM3/4

ManufacturerPart #DatasheetDescription
logo
Mersen
ATM3/4 MERSEN-ATM3/4 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
More results

Similar Description - ATM3/4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
Fast-Acting Chip Fuses
logo
Cooper Bussmann, Inc.
GMW-1100 COOPER-GMW-1100 Datasheet
29Kb / 1P
Specialty Fuses Fast-Acting
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Protek Devices
PF0402F200 PROTEC-PF0402F200 Datasheet
476Kb / 6P
Fast acting chip fuses
logo
Cooper Bussmann, Inc.
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Littelfuse
BLF LITTELFUSE-BLF_15 Datasheet
383Kb / 2P
Fast-acting Midget / 5AG Size Fuse
BLN LITTELFUSE-BLN_16 Datasheet
371Kb / 2P
Fast-acting Midget / 5AG Size Fuse
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com