Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7530 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7530 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-7530 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
Pinout of ADNS-7530 Optical Mouse Sensor
Pin
Name
Description
1
VCSEL+VE
Positive Terminal of VCSEL
2
LASER_NEN
LASER Enable (Active LOW)
3
NCS
Chip select (active low input)
4
MISO
Serial data output
(Master In/Slave Out)
5
SCLK
Serial clock input
6
MOSI
Serial data input
(Master Out/Slave In)
7
MOTION
Motion Detect
(active low output)
8
XYLASER
XYLASER
9
VDD3
3V Input
10
NC
No Connection
11
GND
Ground
12
VDD3
3V Input
13
RefA
1.8V regulator output
14
DGND
Digital Ground
15
VDDIO
IO Voltage input (1.65~3.6V)
16
VCSEL-VE
Negative Terminal of VCSEL
Figure 1. Device pin-out for ADNS-7530
Product Number
Vcsel Binning
Lot Code
Date Code
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Item
Marking
Remarks
Product Number
A7530
Date Code
XYYWWZV
X = Subcon Code
YYWW = Date Code
Z = Sensor Die Source
V = VCSEL Die Source
VCSEL Binning
KL
Lot Code
VVV
Numeric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com