Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1200CT Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # MBR1200CT
Description  10.0AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

MBR1200CT Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  MBR1200CT Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. MBR1200CT Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017
1


Similar Part No. - MBR1200CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1200 PANJIT-MBR1200 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR1200 SIRECT-MBR1200 Datasheet
184Kb / 3P
Power Schottky Rectifier - 1Amp 40~200Volt
logo
Zibo Seno Electronic En...
MBR1200 ZSELEC-MBR1200 Datasheet
135Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
logo
Dongguan City Niuhang E...
MBR1200DS NIUHANG-MBR1200DS Datasheet
492Kb / 5P
SCHOTTKY RECTIFIERS
logo
AiT Semiconductor Inc.
MBR1200E AITSEMI-MBR1200E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
More results

Similar Description - MBR1200CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10H100CT TSC-MBRF10H100CT_11 Datasheet
187Kb / 2P
10.0AMPS Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_11 Datasheet
185Kb / 2P
10.0AMPS Isolated Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_11 Datasheet
149Kb / 2P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_11 Datasheet
149Kb / 2P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
SRF1020 TSC-SRF1020_11 Datasheet
193Kb / 2P
10.0AMPS. Isolated Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020_11 Datasheet
154Kb / 2P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
10.0AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
10.0AMPS. Schottky Barrier Rectifiers
MBRF10H100CT TSC-MBRF10H100CT_13 Datasheet
247Kb / 3P
10.0AMPS Isolated Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com