Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q128FVCIP Datasheet(PDF) 21 Page - Winbond

Part # W25Q128FVCIP
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 21 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 17Page - Winbond W25Q128FVCIP Datasheet HTML 18Page - Winbond W25Q128FVCIP Datasheet HTML 19Page - Winbond W25Q128FVCIP Datasheet HTML 20Page - Winbond W25Q128FVCIP Datasheet HTML 21Page - Winbond W25Q128FVCIP Datasheet HTML 22Page - Winbond W25Q128FVCIP Datasheet HTML 23Page - Winbond W25Q128FVCIP Datasheet HTML 24Page - Winbond W25Q128FVCIP Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 20 -
Revision D
7.1.15 W25Q128FV Status Register Memory Protection (WPS = 0, CMP = 0)
STATUS REGISTER(1)
W25Q128FV (128M-BIT) MEMORY PROTECTION(3)
SEC
TB
BP2
BP1
BP0
PROTECTED
BLOCK(S)
PROTECTED
ADDRESSES
PROTECTED
DENSITY
PROTECTED
PORTION(2)
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
252 thru 255
FC0000h – FFFFFFh
256KB
Upper 1/64
0
0
0
1
0
248 thru 255
F80000h – FFFFFFh
512KB
Upper 1/32
0
0
0
1
1
240 thru 255
F00000h – FFFFFFh
1MB
Upper 1/16
0
0
1
0
0
224 thru 255
E00000h – FFFFFFh
2MB
Upper 1/8
0
0
1
0
1
192 thru 255
C00000h – FFFFFFh
4MB
Upper 1/4
0
0
1
1
0
128 thru 255
800000h – FFFFFFh
8MB
Upper 1/2
0
1
0
0
1
0 thru 3
000000h – 03FFFFh
256KB
Lower 1/64
0
1
0
1
0
0 thru 7
000000h – 07FFFFh
512KB
Lower 1/32
0
1
0
1
1
0 thru 15
000000h – 0FFFFFh
1MB
Lower 1/16
0
1
1
0
0
0 thru 31
000000h – 1FFFFFh
2MB
Lower 1/8
0
1
1
0
1
0 thru 63
000000h – 3FFFFFh
4MB
Lower 1/4
0
1
1
1
0
0 thru 127
000000h – 7FFFFFh
8MB
Lower 1/2
X
X
1
1
1
0 thru 255
000000h – FFFFFFh
16MB
ALL
1
0
0
0
1
255
FFF000h – FFFFFFh
4KB
U - 1/4096
1
0
0
1
0
255
FFE000h – FFFFFFh
8KB
U - 1/2048
1
0
0
1
1
255
FFC000h – FFFFFFh
16KB
U - 1/1024
1
0
1
0
X
255
FF8000h – FFFFFFh
32KB
U - 1/512
1
1
0
0
1
0
000000h – 000FFFh
4KB
L - 1/4096
1
1
0
1
0
0
000000h – 001FFFh
8KB
L - 1/2048
1
1
0
1
1
0
000000h – 003FFFh
16KB
L - 1/1024
1
1
1
0
X
0
000000h – 007FFFh
32KB
L - 1/512
Notes:
1. X = don’t care
2. L = Lower; U = Upper
3. If any Erase or Program command specifies a memory region that contains protected data portion, this
command will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com