Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD10P6F6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD10P6F6
Description  P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10P6F6 Datasheet(HTML) 4 Page - STMicroelectronics

  STD10P6F6 Datasheet HTML 1Page - STMicroelectronics STD10P6F6 Datasheet HTML 2Page - STMicroelectronics STD10P6F6 Datasheet HTML 3Page - STMicroelectronics STD10P6F6 Datasheet HTML 4Page - STMicroelectronics STD10P6F6 Datasheet HTML 5Page - STMicroelectronics STD10P6F6 Datasheet HTML 6Page - STMicroelectronics STD10P6F6 Datasheet HTML 7Page - STMicroelectronics STD10P6F6 Datasheet HTML 8Page - STMicroelectronics STD10P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STD10P6F6, STP10P6F6
4/15
Doc ID 022967 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Warning:
For the P-channel Power MOSFET the actual polarity of the
voltages and the current must be reversed.
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
Voltage
ID = 250 µA, VGS= 0
60
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 60 V
VDS = 60 V, Tc = 125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 5 A
0.15
0.18
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 48 V, f=1 MHz,
VGS = 0
-
360
55
28
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 48V, ID = 10 A
VGS = 10 V
Figure 3
-
7
1.4
2
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com