Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K3003
Description  Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K3003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Information
No: PIS 071
Page 1 of
1
Issue No 5
Date : 03 April 2002
Approved by:
CONDUCTIVE BRUSHES
Code K30..
Vermason
FEC
Code
Description
Code
K3001
Soft, round, 6mm dia
3547863
K3003
Hard, flat, 12mm wide
265070
K3005
Hard, flat, 25mm wide
518475
K3007
Hard, flat, 50mm wide
3547851
K3040
Hard, block, 35 x 75mm
168660
K3050
Soft, flat, 100mm wide
265081
K3051
Soft, flat, 150mm wide
3547875
Introduction:
Conventional brushes with synthetic bristles can generate high charges in use. They are
therefore unsuitable for cleaning ESD sensitive assemblies. Nonetheless it is necessary to
remove solder flux and other dirt particularly in SMD assembly where there are high densities
of components.
A range of conductive brushes allows thorough cleaning without the risk of generating static
charges.
Description:
The brushes consist of a conductive plastic handle and Thunderon conductive fibres, mixed
with animal hair if stiffness is desired. Resistance from the tip of the brush to the handle is less
than 5 x 10
6 ohm. Brushes should be used by operators who are earthed so as to dissipate any
triboelectrical charges.
Hard brushes are for scrubbing whilst soft ones are for brushing of delicate items such as optics
and diskettes.
The brushes may also be used by an earthed operator to remove a surface charge on a non-
conductor by slowly moving the brush across the surface about 2 - 5 mm above it.
For further information, please contact
Vermason Ltd, 1 Avenue One, Letchworth, Hertfordshire SG6 2HB. UK
Tel: +44(0)1462 672005 Fax: +44(0)1462 670440
e-mail : sales@vermason.co.uk
www.vermason.co.uk


Similar Part No. - K3003

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
K300 KNOX-K300 Datasheet
34Kb / 1P
LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
logo
List of Unclassifed Man...
K300 ETC1-K300 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Sensata Technologies, I...
K300 SENSATA-K300 Datasheet
551Kb / 3P
Platform Control System for battery powered scissor lift
logo
KG Technologies, Inc.
K300 KG-K300 Datasheet
381Kb / 4P
HIGH POWER LATCHING RELAY
logo
Shanghai Leiditech Elec...
K3000 LEIDITECH-K3000 Datasheet
644Kb / 6P
High voltage lamp ignitors
More results

Similar Description - K3003

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
logo
KOA Speer Electronics, ...
WK73S2BT KOA-WK73S2BT Datasheet
83Kb / 2P
wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
high power, wide terminal type flat chip resistors
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
wide terminal type flat chip resistors
logo
ALPS ELECTRIC CO.,LTD.
RK12L ALPS-RK12L_15 Datasheet
705Kb / 5P
High performance 12mm wide type
logo
Ledil, Inc.
CA11179 LEDIL-CA11179 Datasheet
947Kb / 4P
Soft wide beam
logo
SparkFun Electronics
ROB-12379 SPARKFUN-ROB-12379 Datasheet
93Kb / 1P
Bearing Mount - Flat Wide (1/2 Bore)
1/15/2016
logo
Renesas Technology Corp
F1320 RENESAS-F1320 Datasheet
1Mb / 29P
Wide flat performance IF BW
Rev4 January 2014
IDTF1370NBGI8 RENESAS-IDTF1370NBGI8 Datasheet
1Mb / 26P
Wide flat performance IF BW
Rev4, January 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com