Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4661 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4661
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4661 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4661 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
The6N137,HCPL-26XX,HCPL-06XX,HCPL-4661,HCNW137,
and HCNW26X1 are suitable for high speed logic interfac-
ing, input/output buffering, as line receivers in environ-
ments that conventional line receivers cannot tolerate
and are recommended for use in extremely high ground
or induced noise environments.
Selection Guide
Widebody
Minimum CMR
8-Pin DIP (300 Mil)
Small-Outline SO-8
(400 Mil)
Hermetic
Input
Single
On-
Single
Dual
Single
Dual
Single
and Dual
dV/dt
V
CM
Current
Output
Channel
Channel
Channel
Channel
Channel
Channel
(V/μs)
(V)
(mA)
Enable
Package
Package
Package
Package
Package
Packages
1000
10
5
YES
6N137
5,000
1,000
5
YES
HCPL-0600
HCNW137
NO
HCPL-2630
HCPL-0630
10,000
1,000
YES
HCPL-2601
HCPL-0601
HCNW2601
NO
HCPL-2631
HCPL-0631
15,000
1,000
YES
HCPL-2611
HCPL-0611
HCNW2611
NO
HCPL-4661
HCPL-0661
1,000
50
YES
HCPL-2602[1]
3, 500
300
YES
HCPL-2612[1]
1,000
50
3
YES
HCPL-261A[1]
HCPL-061A[1]
NO
HCPL-263A[1]
HCPL-063A[1]
1,000[2]
1,000
YES
HCPL-261N[1]
HCPL-061N[1]
NO
HCPL-263N[1]
HCPL-063N[1]
1,000
50
12.5
[3]
HCPL-193X[1]
HCPL-56XX[1]
HCPL-66XX[1]
Notes:
1. Technical data are on separate Avago publications.
2. 15 kV/μs with V
CM
= 1 kV can be achieved using Avago application circuit.
3. Enable is available for single channel products only, except for HCPL-193X devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com