Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103XC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F103XC
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F103XC_11 Datasheet HTML 7Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 8Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 9Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 10Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 11Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 12Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 13Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 14Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Description
Doc ID 14611 Rev 8
11/130
2.1
Device overview
The STM32F103xx high-density performance line family offers devices in six different
package types: from 64 pins to 144 pins. Depending on the device chosen, different sets of
peripherals are included, the description below gives an overview of the complete range of
peripherals proposed in this family.
Figure 1 shows the general block diagram of the device family.
Table 2.
STM32F103xC, STM32F103xD and STM32F103xE features and peripheral
counts
Peripherals
STM32F103Rx
STM32F103Vx
STM32F103Zx
Flash memory in Kbytes
256
384
512
256
384
512
256
384
512
SRAM in Kbytes
48
64(1)
1.
64 KB RAM for 256 KB Flash are available on devices delivered in CSP packages only.
48
64
48
64
FSMC
No
Yes(2)
2.
For the LQFP100 and BGA100 packages, only FSMC Bank1 and Bank2 are available. Bank1 can only
support a multiplexed NOR/PSRAM memory using the NE1 Chip Select. Bank2 can only support a 16- or
8-bit NAND Flash memory using the NCE2 Chip Select. The interrupt line cannot be used since Port G is
not available in this package.
Yes
Timers
General-purpose
4
Advanced-control
2
Basic
2
Comm
SPI(I2S)(3)
3.
The SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the
I2S audio mode.
3(2)
I2C2
USART
5
USB
1
CAN
1
SDIO
1
GPIOs
51
80
112
12-bit ADC
Number of channels
3
16
3
16
3
21
12-bit DAC
Number of channels
2
2
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C (see Table 10)
Junction temperature: –40 to + 125 °C (see Table 10)
Package
LQFP64, WLCSP64
LQFP100, BGA100
LQFP144, BGA144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com