Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.DP1205-868-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-868-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-868-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-868-R Datasheet HTML 5Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 6Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 7Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 8Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
8
3. Electrical Specifications
3.1. Absolute Maximum Ratings
Parameter
Min
Max
Units
Vdd- Power Supply
2.4
3.6
VDC
Soldering Temperature (max 15 sec)
+260
oC
Operating Temperature
-40
+85
oC
Storage Temperature
-55
+125
oC
Table 2, Absolute Maximum Ratings
CAUTION: ESD sensitive device.
Precaution should be taken when handling the device in order to prevent permanent damage.
Chapter
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com