Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.DP1205-915-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-915-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-915-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-915-R Datasheet HTML 2Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 3Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 4Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 5Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 6Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 7Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 8Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-915-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
5
1. Description
The Wi.DP1205-XXX-R’s are complete Radio Transceiver Modules operating in the 433, 868 and 915 MHz
license free ISM (Industrial Scientific and Medical) frequency bands. Based on the XE1205 transceiver, the
DP1205 offers the unique advantage of both narrow-band and wide-band communication. Offering high output
power and exceptional receiver sensitivity, the radio module is suitable for applications seeking to satisfy the
European (ETSI EN300-220-1and EN301 439-3) or the North American (FCC part 15.247 and 15.249) regulatory
standards. The Wi.DP1205-XXX-R is suitable for operation in the European social alarm bands (25 kHz channel
spacing). Its built-in 16-byte FIFO and full SPI simplify interfacing to the host controller.
1.1. Features
•
True UART to Antenna Solution
•
433/ 868/ 915 MHz Versions
•
No RF Knowledge Required
•
Digital Direct Interface
•
Fully Assembled and Tested
•
Surface Mount
•
30.5 mm x 18.5 mm
•
Supply Voltage 2.4 V – 3.6 V
•
Frequency Synthesizer Steps 500 Hz
•
Output Power is programmable up to 15 dBm
•
High Rx 0.1% Sensitivity down to -113 dBm at 4.8 kbps
•
Data Rate up to 152.3 kbit/s
•
Current Consumption Tx= 62 mA at 15 dBm
•
Current Consumption Rx= 14 mA
•
16-byte FIFO
•
Digital RSSI (Received Signal Strength Indicator)
•
Digital FEI (Frequency Error Indicator)
1.2. Applications
•
Narrow-band and Wide-band Security Systems
•
Voice and Data over an RF Link
•
Process and Building Controls
•
Access Controls
Chapter
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com