Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17-101754 Datasheet(PDF) 21 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-101754
Description  RJ45-IP67 Industrial Ethernet Connector System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-101754 Datasheet(HTML) 21 Page - CONEC Elektronische Bauelemente GmbH

Back Button 17-101754 Datasheet HTML 17Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 18Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 19Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 20Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 21Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 22Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 23Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 24Page - CONEC Elektronische Bauelemente GmbH 17-101754 Datasheet HTML 25Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
11|20
UL listed, File No.: E202784
Hex 32, with M28
Hex 32, with M28
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
IP67 Protection
IP67 Protection
RJ45 Patch cord
IP67 to IP67 – Cat. 5e and Cat. 6A – M28 thread – Metal
RJ45 Cat. 5e and Cat. 6A assembled patch cord
2 x Metall Industrial RJ45-IP67
Designs:
- Metallized plastic
- Metal
Cable: UTP unshielded (twisted pair)
STP, S/STP shielded (twisted pair),
Outdoor version with „Drain wire“ and „Waterproof tape“
Other lengths on request
IP67 Protection
IP67 Protection
Patch cord Cat. 5e/Cat 6a
Knurled
Patch cord Cat. 6A
Hex 32
Type
Knurled
Material
Coupling Ring
Material
Housing
Material
Cable fitting
Surface
Cable
Length (L) Part Number
Standard
Part Number
Outdoor
Patch cord Cat. 5e
Metal
Plastic
Metal
metallized/nickel plated
UTP, unshielded
2 m
17-100994
17-101084
Patch cord Cat. 5e
Metal
Plastic
Metal
metallized/nickel plated
UTP, unshielded
4 m
17-101004
17-101094
Patch cord Cat. 5e
Metal
Plastic
Metal
metallized/nickel plated
UTP, unshielded
5 m
17-101014
17-101104
Patch cord Cat. 5e
Metal
Plastic
Metal
metallized/nickel plated
STP, shielded
2 m
17-101114
Patch cord Cat. 5e
Metal
Plastic
Metal
metallized/nickel plated
STP, shielded
4 m
17-101124
Patch cord Cat. 5e
Metal
Plastic
Metal
metallized/nickel plated
STP, shielded
5 m
17-101134
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated
S/STP, shielded
2 m
17-150724
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated
S/STP, shielded
4 m
17-150734
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated
S/STP, shielded
5 m
17-150744
Hex 32
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated
S/STP, shielded
2 m
17-150794
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated
S/STP, shielded
4 m
17-150804
Patch cord Cat. 6A Metal
Plastic
Metal
metallized/nickel plated
S/STP, shielded
5 m
17-150814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com