Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C200 Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
13
To write non-volatile Status Register bits, a standard Write Enable (06h) instruction must previously
have been executed for the device to accept the Write Status Register (WRSR)
instruction (Status
Register bit WEL must equal 1). Once write enabled, the instruction is entered by driving CS# low,
sending the instruction code “01h”, and then writing the status register data byte as illustrated in
Figure 8.
To complete the Write Status Register (WRSR) instruction, the CS# pin must be driven high after the
eighth or sixteenth bit of data that is clocked in. If this is not done the Write Status Register (WRSR)
instruction will not be executed.
During non-volatile Status Register write operation (06h combined with 01h), after CS# is driven high,
the self-timed Write Status Register cycle will commence for a time duration of tW (See “12.6 AC
Electrical Characteristics”). While the Write Status Register cycle is in progress, the Read Status
Register instruction may still be accessed to check the status of the WIP bit. The WIP bit is a 1 during
the Write Status Register cycle and a 0 when the cycle is finished and ready to accept other
instructions again. After the Write Status Register cycle has finished, the Write Enable Latch (WEL) bit
in the Status Register will be cleared to 0.
Figure 8 Writes status register instruction
Read Data (03h)
The Read Data instruction allows one or more data bytes to be sequentially read from the memory.
The instruction is initiated by driving the CS# pin low and then shifting the instruction code “03h”
followed by a 24-bit address A23-A0 into the DI pin. The code and address bits are latched on the
rising edge of the CLK pin. After the address is received, the data byte of the addressed memory
location will be shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first.
The address is automatically incremented to the next higher address after each byte o f data is shifted
out allowing for a continuous stream of data. This means that the entire memory can be accessed with
a single instruction as long as the clock continues. The instruction is completed by driving CS# high.
The Read Data instruction sequence is shown in Figure 9. If a Read Data instruction is issued while
an Erase, Program or Write cycle is in process (WIP =1) the instruction is ignored and will not have
any effects on the current cycle. The Read Data instruction allows clock rates from D.C. to a
maximum of fR (see “12.6 AC Electrical Characteristics”).
The Read Data (03h) instruction is only supported in Standard SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com