Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C400 Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25C400
Description  4MB Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C400 Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25C400 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ACE25C400
4MB Serial Flash Memory
VER 1.2
21
When used to release the device from the power-down state and obtain the Device ID, the
instruction is the same as previously described, and shown in Figure 20, except that after CS# is
driven high it must remain high for a time duration of tRES2 (See “12.6 AC Electrical Characteristics”).
After this time duration the device will resume normal operation and other instructions will be
accepted. If the Release from Power-down / Device ID instruction is issued while an Erase, Program
or Write cycle is in process (when WIP equals 1) the instruction is ignored and will not have any
effects on the current cycle.
Figure 19 Release power-down instruction
Figure 20 Release power-down / device ID instruction
Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power -down /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device
ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power -down /
Device ID instruction. The instruction is initiated by driving the CS# pin low and shifting the instruction
code “90h” followed by a 24-bit address A23-A0 of 000000h. After which, the Manufacturer ID for ACE
Technology CO., LTD. (A1h) and the Device ID are shifted out on the falling edge of CLK with most
significant bit (MSB) first as shown in Figure 21. The Device ID value for the ACE25C400 is listed in
Table 3 Manufacturer and Device Identification table. If the 24-bit address is initially set to 000001h
the Device ID will be read first and then followed by the Manufacturer ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com