Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C512 Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25C512
Description  512K-BIT Serial Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C512 Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25C512 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C512 Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ACE25C512
512K-BIT Serial Flash Memory
VER 1.2
13
Read Data (03h)
The Read Data instruction allows one or more data bytes to be sequentially read from the memory.
The instruc
tion is initiated by driving the CS# pin low and then shifting the instruction code “03h”
followed by a 24-bit address A23-A0 into the DI pin. The code and address bits are latched on the
rising edge of the CLK pin. After the address is received, the data byte of the addressed memory
location will be shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first.
The address is automatically incremented to the next higher address after each byte of data is shifted
out allowing for a continuous stream of data. This means that the entire memory can be accessed with
a single instruction as long as the clock continues. The instruction is completed by driving CS# high.
The Read Data instruction sequence is shown in Figure 9. If a Read Data instruction is issued while
an Erase, Program or Write cycle is in process (WIP =1) the instruction is ignored and will not have
any effects on the current cycle. The Read Data instruction allows clock rates from D.C. to a
maximum of fR (see “12.6 AC Electrical Characteristics”).
The Read Data (03h) instruction is only supported in Standard SPI mode.
Figure 9 Read data instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com