Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE515C Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE515C
Description  300mA High PSRR, Linear Regulator, w. Output Discharge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515C Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE515C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACE515C
300mA High PSRR, Linear Regulator, w. Output Discharge
VER 1.4
5
Typical Application Circuit
ACE515C
Note Input capacitor (Cin=1uF) and Output capacitor (Cout=1uF) are recommended in all application circuit.
Explanation:
ACE515C series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE515C can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be
customized on command.
ACE515C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE515C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within ±2%.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com