Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT240AMTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHCT240AMTC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT240AMTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHCT240AMTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT240AMTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT240AMTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT240AMTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT240AMTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT240AMTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT240AMTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Parameter guaranteed by design. tOSLH = |tPLH max − tPLH min|; tOSHL = |tPHL max − tPHL min|
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) = CPD * VCC * fIN + ICC/8 (per F/F). The total CPD when n pcs. of the Octal D Flip-Flop operates
can be calculated by the equation: CPD (total) = 20 + 12n.
Symbol
Parameter
VCC
(V)
TA = 25°C
TA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
± 0.5
5.6
7.8
1.0
9.0
ns
CL = 15 pF
tPHL
Time
6.1
8.8
1.0
10.0
CL = 50 pF
tPZL
3-STATE Output
5.0
± 0.5
6.5
10.4
1.0
12.5
ns
RL = 1 kΩ
CL = 15 pF
tPZH
Enable Time
7.3
11.4
1.0
13.5
CL = 50 pF
tPLZ
3-STATE Output
5.0
± 0.5
7.0
11.4
1.0
13.0
ns
RL = 1 kΩ
CL = 50 pF
tPHZ
Disable Time
tOSLH
Output to
5.0
± 0.5
1.0
1.0
ns
(Note 8)
tOSHL
Output Skew
CIN
Input
4
10
10
pF
VCC = Open
Capacitance
COUT
Output
9
pF
VCC = 5.0V
Capacitance
CPD
Power Dissipation
19
pF
(Note 9)
Capacitance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com