Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE636B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE636B
Description  Common Drain Dual N-Channel Enhancement Mode Field Effect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE636B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE636B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE636B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE636B
Common Drain Dual N-Channel Enhancement Mode Field Effect
VER 1.2
2
Ordering information
ACE636B XX + H
Electrical Characteristics
TA=25℃, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off characteristics (Note 2)
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250 uA
20
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
uA
Zero Gate Voltage Drain
Current
IDSS
VDS=20V, VGS=0V
1
uA
On characteristics
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
0.6
1.2
V
Forward Transconductance
GFS
VDS=10V, ID=6A
7
13
S
Static Drain-Source
On-Resistance
RDS(ON)
VGS=4.5V, ID=6A
22
50
m
Ω
VGS=2.5V, ID=5.2A
30
65
Drain-Source Diode Characteristics And Maximum Ratings
Diode Forward Voltage
VSD
IS=2A, VGS=0V
0.5
0.77
1
V
Switching characteristics
Turn-On Delay Time
td(on)
RG=6Ω, VDD=10V, VGEN=4.5V,
ID=1A
18
nS
Turn-Off Delay Time
td(off)
25
Dynamic characteristics
Input Capacitance
Ciss
VGS=0V, VDS=8V, f=1MHz
562
pF
Output Capacitance
Coss
106
REVERSE Transfer
Capacitance
Crss
75
Total Gate Charge
QG
VDS=10V, ID=6A, VGS=4.5V
4.86
nC
Gate-Source Charge
QGS
0.92
Gate-Drain
QGD
1.4
Note: 2. Short duration test pulse used to minimize self-heating effect.
GM : SOT-23-6L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com