Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE709 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE709
Description  0.9V startup, 1A True Shut-Off Synchronous Boost DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE709 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE709 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE709 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE709
0.9V startup, 1A True Shut-Off Synchronous Boost DC/DC Converter
VER 1.2
2
Packaging Type
DFN2*2-6
Top View
Ordering information
ACE709 XX + H
Recommended work conditions
Parameter
Max Unit
Input Voltage Range
5
V
Operating Junction Temperature(TJ) -40~85
OC
DFN2*2-6
Description
Function
1
CE
Enable pin for the IC. Drive the pin to high to enable the part, and low to
disable
2
FB
Feedback input. Connect an external resistor divider from the output to FB and
GND to set the output to a voltage between 0.6V and Vin
3
VOUT
Output voltage pin, with 22uF ceramic capacitor closely connected to GND
4
GND
Ground
5
LX
To connect inductor to VIN
6
VIN
Supply voltage, with 4.7uF ceramic capacitor connected to GND
Pb - free
KN : DFN2*2-6
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com