Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE710 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE710
Description  0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE710 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE710 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE710 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE710 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE710 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE710 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE710 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE710 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE710 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACE710
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
6
True shut off function
ACE710 offers a true shut off function, which means it can really shut off output (make output voltage to
zero) when EN is pull low (chip turns off). Normally, there is a schottky diode (or MOSFET body diode)
existed between SW and Vout for a normal boost converter, and thus, when EN is pull low, though the
chip is turned off, the Vin is connected to Vout thru inductor and schottky diode. So we still can detect a
voltage at Vout terminal. ACE710, with its proprietary design skill, can truly shut down the output when
chip is turned off.
Design Procedure
Setting Output Voltages
Output voltages are set by external resistors. The FB_ threshold is 0.6V.
RTOP = RBOTTOM[(VOUT / 0.6) - 1]
Capacitor Selection
A 22uF ceramic capacitor is demanded on output terminal, while 4.7uF is good enough for input.
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their
high ripple current, high voltage rating and low ESR make them ideal for switching regulator applications.
Using ceramic capacitors can achieve very low output ripple and small circuit size. When choosing the
input and output ceramic capacitors, choose the X5R or X7R dielectric formulations. These dielectrics
have the best temperature and voltage characteristics of all the ceramics for a given value and size.
Application Information
Layout is critical to achieve clean and stable operation. The switching power stage requires particular
attention. Follow these guidelines for good PC board layout:
1. Place 22uF output capacitors as close to the IC VOUT and GND pins as possible
2. Connect input and output capacitors to the same power ground node with a star ground configuration
then to IC ground.
3. Keep the high-current paths as short and wide as possible. Keep the path of switching current short.
Avoid vias in the switching paths.
4. If possible, connect VIN, SW, and GND separately to a large copper area to help cool the IC to further
improve efficiency and long-term reliability.
5. Ensure all feedback connections are short and direct. Place the feedback resistors as close to the IC
as possible.
6. Route high-speed switching nodes away from sensitive analog areas



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com