Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4441B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4441B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4441B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4441B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4441B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4441B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4441B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4441B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4441B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE4441B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE4441B uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate
charge. This device is suitable for use as a load switch or in PWM applications.
Features
V
DS(V)=-60V
I
D=-4A (VGS=-10V)
R
DS(ON)<75mΩ (VGS=-10V)
R
DS(ON)<90mΩ (VGS=-4.5V)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Drain Current (Continuous) * AC
TA=25
OC
ID
-4
A
TA=70
OC
-3.2
Drain Current (Pulse) * B
IDM
-20
Power Dissipation
TA=25
OC
PD
3
W
TA=70
OC
2.1
Operating and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Packaging Type
SOP-8
Ordering information
ACE4441B XX + H
FM : SOP-8
Pb - free
Halogen - free


Similar Part No. - ACE4441B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4440B ACE-ACE4440B Datasheet
823Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE4442B ACE-ACE4442B Datasheet
946Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE4443B ACE-ACE4443B Datasheet
749Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE4444B ACE-ACE4444B Datasheet
669Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE4446B ACE-ACE4446B Datasheet
938Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE4441B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com