Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4446B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4446B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4446B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4446B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4446B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE4446B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Ordering information
ACE4446B XX + H
Electrical CharacteristicsTA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
uA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=15A
5.9
8.5
m
Ω
VGS=4.5V, ID=10A
7
13
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
1
1.9
3
V
Forward Transconductance
gFS
VDS=5V, ID=15A
25
S
Diode Forward Voltage
VSD
ISD=2A, VGS=0V
0.71
1.0
V
Maximum Body-Diode Continuous
Current
IS
2
A
Switching
Total Gate Charge
Qg
VDS=15V, ID=14A
VGS=5V
16
20.8
nC
Gate-Source Charge
Qgs
5
6.5
Gate-Drain Charge
Qgd
3
3.9
Turn-On Delay Time
Td(on)
VDS=15V, VGS=10V
RGEN=6Ω, RL=15Ω
17
34
ns
Turn-On Rise Time
tf
5
10
Turn-Off Delay Time
td(off)
50
100
Turn-Off Fall Time
tf
10
20
Dynamic
Input Capacitance
Ciss
VDS=15V, VGS=0V
f=1MHz
2470
pF
Output Capacitance
Coss
325
Reverse Transfer Capacitance
Crss
185
Note: A. The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment
with TA=25°C. The value in any given application depends on the user's specific board design.
B. Repetitive rating, pulse width limited by junction temperature.
C.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
NN : DFN3*3-8L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com