Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4703 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE4703
Description  Fully 5A, 3cell Standalone Li-ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4703 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE4703 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4703 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ACE4703
Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
9
Gate Drive
The ACE4703
’s gate driver can provide high transient currents to drive the external pass transistor. The
rise and fall times are typically 40ns when driving a 2000pF load, which is typical for a P-channel
MOSFET with Rds(on) in the range of 50mΩ.
A voltage clamp is added to limit the gate drive to 8V max. below VCC. For example, if VCC is 20V, then
the DRV pin output will be pulled down to 12V min. This allows low voltage P-channel MOSFETs with
superior Rds(on) to be used as the pass transistor thus increasing efficiency.
Loop Compensation
In order to make sure that the current loop and the voltage loop are stable, the following compensation
components are necessary:
(1) A 470pF capacitor from the COM1 pin to GND
(2) A series 220nF ceramic capacitor and 120
Ω resistor from the COM2 pin to GND
(3) An 100nF ceramic capacitor from the COM3 pin to GND
Battery Detection
ACE4703 does not provide battery detection function, when the battery is not present, the charger
charges the output capacitor to the regulati
on voltage quickly, then the BAT pin’s voltage decays slowly to
recharge threshold because of low leakage current at BAT pin, which results in a ripple waveform at BAT
pin, in the meantime, CHRG
pin outputs a pulse to indicate that the battery’s absence. The pulse’s
frequency is around 10Hz when a 10uF output capacitor is used.
It is generally not a good practice to connect a battery while the charger is running. The charger may
provide a large surge current into the battery for a brief time.
Input and Output Capacitors
Since the input capacitor is assumed to absorb all input switching ripple current in the converter, it must
have an adequate ripple current rating. Worst-case RMS ripple current is approximately one-half of output
charge current.
The selection of output capacitor is primarily determined by the ESR required to minimize ripple voltage
and load step transients. Generally speaking, a 10uF ceramic capacitor can be used.
Inductor Selection
During P-
channel MOSFET’s on time, the inductor current increases, and decreases during P-channel
MOSFET’s off time, the inductor’s ripple current increases with lower inductance and higher input voltage.
Higher inductor ripple current results in higher charge current ripple and greater core losses. So the
inductor’s ripple current should be limited within a reasonable range.
The inductor’s ripple current is given by the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com