Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE6428B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE6428B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6428B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE6428B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6428B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6428B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6428B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6428B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6428B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6428B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE6428B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE6428B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
3
Dynamic
Input Capacitance
Ciss
VDS=15V, VGS=0V
f=1MHz
2470
pF
Output Capacitance
Coss
325
Reverse Transfer Capacitance
Crss
185
Note:
A.
The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The Power dissipation PDSM is based on RθJA and the maximum allowed junction temperature of 150°C. The value
in any given application depends on the user's specific board design.
B.
The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting
the upper dissipation limit for cases where additional heatsinking is used.
C.
Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty
cycles to keep initial TJ =25°C.
D.
The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E.
The static characteristics in Figures 1 to 6 are obtained using <300
μs pulses, duty cycle 0.5% max.
F.
These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large
heatsink, assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse rating.
G.
The maximum current rating is package limited.
H.
These tests are performed with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com