Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7401B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7401B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7401B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7401B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7401B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7401B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7401B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7401B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7401B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7401B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE7401B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Packaging Type
DFN3*3-8L
Ordering information
ACE7401B XX + H
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V, VGS=0V
-1
uA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-20V, ID=-10A
8.2
13
m
Ω
VGS=-10V, ID=-10A
9.2
14
VGS=-5V, ID=-7A
13.1
17
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=-250µA
-1.5
-1.8
-3
V
Forward Transconductance
gFS
VDS=-5V, ID=-10A
26
S
Diode Forward Voltage
VSD
ISD=-1A, VGS=0V
-0.72
-1
V
Maximum Body-Diode Continuous
Current
IS
-4.2
A
Switching
Total Gate Charge
Qg
VDS=-15V, ID=-12A
VGS=-10V
46.64
60.63
nC
Gate-Source Charge
Qgs
7.84
10.2
Gate-Drain Charge
Qgd
9.96
12.95
Turn-On Delay Time
Td(on)
VDS=-15V, RL=1.25Ω,
VGS=-10V, RGEN=3Ω
19.24
38.48
ns
Turn-On Rise Time
tf
8.56
17.12
NN : DFN3*3-8L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com