Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE8628B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE8628B
Description  Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8628B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE8628B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8628B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE8628B
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
2
Ordering information
ACE8628B XX + H
Electrical Characteristics
TA=25℃, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250 uA
20
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
2.5
10
uA
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
0.4
0.51
1
V
Drain-Source On-Resistance
RDS(ON)
VGS=4.5V, ID=5A
12.1
14
m
Ω
VGS=4V, ID=5A
12.6
15
VGS=3.1V, ID=5A
13.5
17.5
VGS=2.5V, ID=2.5A
14.6
21
Forward Transconductance
gFS
VDS=5V, ID=8A
36
S
Diode Forward Voltage
VSD
ISD=1A, VGS=0V
0.63
1
V
Maximum Body-Dode
Continuous Current
IS
2.4
A
Switching
Total Gate Charge
Qg
VGS=4.5V, VDS=10V, ID=8A
17.9
nC
Gate-Source Charge
Qgs
4.1
Gate-Drain Charge
Qgd
5.6
Turn-On Time
td(on)
VGS=5V, RL=1.5Ω, VDS=10V,
RGEN=3Ω
6.2
12.4
nS
tr
12.7
25.4
Turn-Off Time
td(off)
51.7
103.4
tf
16
32
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=10V, f=1MHz
1810
pF
Output Capacitance
Coss
232
REVERSE Transfer
Capacitance
Crss
200
NN : DFN3*3-8L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com