Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 67 Page - Motorola, Inc

Part # MPC855T
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855T Datasheet(HTML) 67 Page - Motorola, Inc

Back Button MPC855T Datasheet HTML 63Page - Motorola, Inc MPC855T Datasheet HTML 64Page - Motorola, Inc MPC855T Datasheet HTML 65Page - Motorola, Inc MPC855T Datasheet HTML 66Page - Motorola, Inc MPC855T Datasheet HTML 67Page - Motorola, Inc MPC855T Datasheet HTML 68Page - Motorola, Inc MPC855T Datasheet HTML 69Page - Motorola, Inc MPC855T Datasheet HTML 70Page - Motorola, Inc MPC855T Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
67
MII Receive Signal Timing (MII_RXD[3:0], MII_RX_DV, MII_RX_ER, MII_RX_CLK)
13.1 MII Receive Signal Timing (MII_RXD[3:0],
MII_RX_DV, MII_RX_ER, MII_RX_CLK)
The receiver functions correctly up to a MII_RX_CLK maximum frequency of 25 MHz
+1%. There is no minimum frequency requirement. In addition, the processor clock
frequency must exceed the MII_RX_CLK frequency – 1%.
Table 13-27 provides information on the MII receive signal timing.
Figure 13-70 shows MII receive signal timing.
Figure 13-70. MII Receive Signal Timing Diagram
13.2 MII Transmit Signal Timing (MII_TXD[3:0],
MII_TX_EN, MII_TX_ER, MII_TX_CLK)
The transmitter functions correctly up to a MII_TX_CLK maximum frequency of
25 MHz +1%. There is no minimum frequency requirement. In addition, the processor
clock frequency must exceed the MII_TX_CLK frequency – 1%.
Table 13-28 provides information on the MII transmit signal timing.
Table 13-27. MII Receive Signal Timing
Num
Characteristic
Min
Max
Unit
M1
MII_RXD[3:0], MII_RX_DV, MII_RX_ER to MII_RX_CLK setup
5
—
ns
M2
MII_RX_CLK to MII_RXD[3:0], MII_RX_DV, MII_RX_ER hold
5
—
ns
M3
MII_RX_CLK pulse width high
35%
65%
MII_RX_CLK
period
M4
MII_RX_CLK pulse width low
35%
65%
MII_RX_CLK
period
M1
M2
MII_RX_CLK (Input)
MII_RXD[3:0] (Inputs)
MII_RX_DV
MII_RX_ER
M3
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com