Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BAW56
Description  High Conductance Ultra Fast Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAW56 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BAW56 Datasheet HTML 1Page - Fairchild Semiconductor BAW56 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
BV
Breakdown Voltage
IR = 5.0
µA85
V
IR
Reverse Current
VR = 70 V
VR = 25 V, TA = 150
°C
VR = 70 V, TA = 150
°C
2.5
30
50
µA
µA
µA
VF
Forward Voltage
IF = 1.0 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
715
855
1.0
1.25
mV
mV
V
V
CO
Diode Capacitance
VR = 0, f = 1.0 MHz
2.0
pF
TRR
Reverse Recovery Time
IF = IR = 10 mA, IRR = 1.0 mA,
RL = 100
Ω
6.0
nS
VFM
Peak Forward Voltage
IF = 10 mA, tr = 20 nS
1.75
V
High Conductance Ultra Fast Diode
(continued)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com