Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP100 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMP100
Description  Panel Mounting Accessories for LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMP100 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMP100 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Panel Mounting Accessories for LED Lamps
1-117
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
SEC T ION B -B
SEC T ION A-A
APPLIC AB LE LAMP S
TAP E R E D T O MAT E
.265
.025
.165±.015
Ø.360
Ø.282
Ø.310
Ø.175
Ø.280
Ø.250
B
B
A
A
for tapered s ide T -1 3/4 LE D lamps
maximum panel thicknes s : .125
recommended hole DIA.: .250
material: black polypropylene
Lamp Holder
Collar
CMP22
SEC T ION B -B
SEC T ION A-A
.265
.025
.165±.015
Ø.360
Ø.282
Ø.310
Ø.175
Ø.280
Ø.250
B
B
A
A
for s traight s ided T -1 3/4 LE D lamps
maximum panel thickness: .125
recommended hole DIA.: .250
material: black polypropylene
Lamp Holder
Collar
CMP52
for all C MD5X 124A LE D lamps
maximum panel thicknes s : .125
recommended hole DIA.: .312 x .219
material: black polypropylene
CMP65
CMP100
for all T -1 and T-100 LE D lamps (except C MD5X 74 and C MD5X 77)
maximum panel thicknes s : .062
recommended hole DIA.: .172
material: black polypropylene
CM4999-00X
RING
GR OMME T
.370
.120/.123
.072/.075
.270
.320
.300
.200
.270
.203
.370
.304
LE D W IT H W IR E LE ADS
LE D ONLY
1/4 - 40 T HD.
MOUNT ING B US HING
INS ULAT E D W IR E . LE ADS OUT T O C US T . S P E C .).
SP EC IF IE D, ALS O AV AILAB LE W / 26 G A.
LE D (NOT S UPPLIE D W / INDIC AT OR UNLE S S
1/4 - 40 T HD. X .115 DP
COLLAR
I.D.
.205
MAX .
.312
.187
.370
.355
.062
This panel mount bus hingassembly may be
us ed with any flanged T -1 3/4 LE D lamp.
recommended hole DIA.: .250 clearance
maximum panel thicknes s : .190
material: B us hing - Nylon
collar: B ras s
Part No. Collar Color
4999-002
4999-003
Silver
Black
MAT T E F INIS H
Ø.230
Ø.120
Ø.165
.190
.020
All dimensions in inches.


Similar Part No. - CMP100

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
CMP100N03 VBSEMI-CMP100N03 Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
CMP100N04 VBSEMI-CMP100N04 Datasheet
970Kb / 7P
N-Channel 4 -V (D-S) MOSFET
CMP100N04 VBSEMI-CMP100N04 Datasheet
1Mb / 7P
N-Channel 40-V (D-S) MOSFET
More results

Similar Description - CMP100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRL-02 MEANWELL-DRL-02 Datasheet
42Kb / 1P
Mounting Accessories
DRP-02 MEANWELL-DRP-02 Datasheet
38Kb / 1P
Mounting Accessories
DRP-04 MEANWELL-DRP-04 Datasheet
37Kb / 1P
Mounting Accessories
MHS012 MEANWELL-MHS012 Datasheet
57Kb / 1P
Mounting Accessories
MHS025 MEANWELL-MHS025 Datasheet
30Kb / 1P
Mounting Accessories
MHS027 MEANWELL-MHS027 Datasheet
38Kb / 1P
Mounting Accessories
logo
OSRAM GmbH
LEDCBCTRL1015W OSRAM-LEDCBCTRL1015W Datasheet
100Kb / 3P
Accessories kit for use with LED retrofit lamps
logo
Schurter Inc.
NUTFORFUSEHOLDER SCHURTER-NUTFORFUSEHOLDER Datasheet
175Kb / 2P
Mounting accessories for fuse holder
04.10.2021
0098.0043 SCHURTER-0098.0043 Datasheet
175Kb / 2P
Mounting accessories for fuse holder
04.10.2021
NUTFORFUSEHOLDER SCHURTER-NUTFORFUSEHOLDER_V01 Datasheet
175Kb / 2P
Mounting accessories for fuse holder
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com